|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LPC choke coil inductor EU features * * * * * * * Small size allows for high mounting density Suitable for reflow soldering Large DC current capacity with low DC resistance Polarity identification available E-6 series of values (customs available) Marking: Black body color with no marking Products with lead-free terminations meet EU RoHS requirements dimensions and construction E D F NEW B Size 4045 A 4235 9040N A B Dimensions inches (mm) C D E .138 (3.5) F .039.112 (1.00.3) o.157.008 .169.009 .177.008 .118.008 (o4.00.2) (4.30.2) (4.50.2) (3.00.2) -- +.002 C F Electrode 4045, 10065, 12065 D F B .138 Max. .177.008 .079.008 .165.008 .039.008 (3.5 Max.) (4.50.2) (2.00.2) (4.20.2) (1.00.2) -- .354 (9.0) .433 (11.0) .071.008 (1.80.2) .098.008 (2.50.2) .146.112 (3.70.3) o.354 -.004 .193 Max. .402 Max. .079.008 . (o9.0 +0.05) (4.9 Max.) (10.2 Max.) (2.00.2) -0.1 o.394.008 .295 Max. .409.008 .315.008 (o10.00.2) (7.5 Max.) (10.40.2) (8.00.2) o.472.008 .295 Max. .488.008 .472.008 (o12.00.2) (7.5 Max.) (12.40.2) (10.00.2) B 456 C A F Ferrite Core Magnet Ceramic Wire Substrate D Ceramic Magnet Substrate Wire Ferrite Core 10065 12065 E www..com C C R 1 Electrode 4235 9040N D ordering information New Part # LPC Type 4045 Size 4045 4235 9040N 10065 12065 A Termination Material A: SnAg T: Sn (LPC4235 only) TED Packaging TED: 10" embossed plastic (4045 - 1,000 pieces/reel) (4235 - 2,000 pieces/reel) (9040N - 500 pieces/reel) (10065 - 300 pieces/reel) (12065 - 300 pieces/reel) 101 Nominal Inductance 101: 100H 221: 220H 152: 1500H K Tolerance K: 10% M:20% N: 30% For further information on packaging, please refer to Appendix A. Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 2/24/08 KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com 227 inductors 100 LPC choke coil inductor applications and ratings Part Designation LPC4045ATED1R0M LPC4045ATED1R5M LPC4045ATED2R2M LPC4045ATED3R3M LPC4045ATED4R7M LPC4045ATED6R8M LPC4045ATED100K LPC4045ATED150K LPC4045ATED220K LPC4045ATED330K LPC4045ATED470K LPC4045ATED680K LPC4045ATED101K LPC4045ATED151K LPC4045ATED221K LPC4045ATED331K LPC4045ATED471K LPC4045ATED681K LPC4235TTEDR82M LPC4235TTED1R0M LPC4235TTED1R2M LPC4235TTED1R5M LPC4235TTED2R2M LPC4235TTED3R3M LPC4235TTED4R7M LPC4235TTED6R8M LPC4235TTED100K LPC4235TTED150K LPC4235TTED220K LPC4235TTED330K LPC4235TTED470K LPC4235TTED680K LPC4235TTED101K LPC4235TTED151K LPC4235TTED221K www..com LPC9040NATED100M LPC9040NATED150K LPC9040NATED220K LPC9040NATED330K LPC9040NATED470K LPC9040NATED680K LPC9040NATED101K LPC9040NATED151K LPC9040NATED221K LPC9040NATED331K LPC9040NATED471K LPC9040NATED681K LPC10065ATEDR68M LPC10065ATED1R0M LPC10065ATED1R5M LPC10065ATED2R2M LPC10065ATED3R3M LPC10065ATED4R7M LPC10065ATED6R8M LPC10065ATED100K LPC10065ATED150K LPC10065ATED220K LPC10065ATED330K LPC10065ATED470K Inductance (H) 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 0.82 1.0 1.2 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 10 15 22 33 47 68 100 150 220 330 470 680 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 Inductance Tolerance Quality Factor Minimum (MHz) Self Resonant Frequency Minimum (MHz) 90.0 70.0 55.0 45.0 35.0 25.0 23.5 18.5 14.0 12.0 10.5 8.0 6.3 5.2 3.9 3.0 2.7 2.2 146.6 125.1 114.7 101.4 78.8 66.7 52.0 43.5 33.5 29.1 21.7 13.9 12.0 12.7 10.4 7.5 6.7 25.0 21.0 15.0 13.5 11.5 10.0 8.0 7.0 5.0 3.3 2.8 1.2 75.0 65.0 50.0 40.0 30.0 25.0 20.0 15.0 12.0 9.0 8.0 6.0 DC Resistance Maximum () 0.015 0.020 0.023 0.044 0.062 0.075 0.10 0.15 0.21 0.41 0.52 0.67 0.92 1.80 2.25 4.27 5.23 6.67 0.017 0.020 0.023 0.031 0.039 0.070 0.090 0.109 0.190 0.230 0.366 0.542 0.688 1.30 1.66 2.96 3.77 0.07 0.09 0.11 0.14 0.20 0.27 0.41 0.55 0.81 1.86 2.07 2.65 6.0 m 7.0 m 8.0 m 9.0 m 0.012 0.017 0.024 0.036 0.054 0.080 0.120 0.175 Allowable DC Current Maximum (Amps) 3.10 2.80 2.50 1.80 1.45 1.30 1.02 0.84 0.70 0.52 0.46 0.40 0.28 0.25 0.18 0.15 0.14 0.12 3.34 3.27 3.10 2.53 2.28 1.63 1.44 1.29 0.91 0.87 0.69 0.52 0.47 0.34 0.31 0.22 0.20 1.55 1.40 1.25 1.10 0.99 0.91 0.70 0.60 0.50 0.29 0.22 0.14 9.50 9.00 8.50 7.50 6.80 5.70 4.70 3.90 3.15 2.60 2.30 1.79 Measured Frequency (Hz) M: 20% 20 1000 inductors K: 10% 40 M: 20% -- -- K: 10% M: 20% 40 30 20 K: 10% 10 10 kHz 40 M: 20% 30 20 K: 10% 15 L Meas. Freq. 1 MHz Q Meas. Freq. 2.52 MHz Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 11/23/08 228 KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com LPC choke coil inductor applications and ratings (continued) Part Designation LPC10065ATED680K LPC10065ATED101K LPC10065ATED151K LPC10065ATED221K LPC10065ATED331K LPC10065ATED471K LPC10065ATED681K LPC10065ATED102K LPC10065ATED152K LPC10065ATED222K LPC10065ATED332K LPC12065ATEDR68N LPC12065ATED1R0N LPC12065ATED1R5N LPC12065ATED2R2N LPC12065ATED3R3M LPC12065ATED4R7M LPC12065ATED6R8M LPC12065ATED100K LPC12065ATED150K LPC12065ATED220K LPC12065ATED330K LPC12065ATED470K LPC12065ATED680K LPC12065ATED101K LPC12065ATED151K LPC12065ATED221K LPC12065ATED331K LPC12065ATED471K LPC12065ATED681K LPC12065ATED102K LPC12065ATED152K LPC12065ATED222K LPC12065ATED332K LPC12065ATED472K www..com LPC12065ATED682K Inductance (H) 68 100 150 220 330 470 680 1.0 mH 1.5 mH 2.2 mH 3.3 mH 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1.0 mH 1.5 mH 2.2 mH 3.3 mH 4.7 mH 6.8 mH Inductance Tolerance Quality Factor Minimum (MHz) Self Resonant Frequency Minimum (MHz) 5.0 4.0 3.0 2.5 2.0 1.5 1.0 0.95 0.85 0.70 0.55 77.0 60.0 47.0 38.0 30.0 24.0 19.0 15.0 12.0 9.5 7.5 6.2 4.9 4.0 3.2 2.5 2.0 1.6 1.3 1.0 0.83 0.67 0.53 0.43 0.34 DC Resistance Maximum () 0.255 0.380 0.580 0.850 1.30 1.85 2.70 4.00 6.10 9.00 13.5 5.0 m 7.0 m 8.0 m 10.0 m 0.012 0.016 0.022 0.031 0.046 0.065 0.093 0.130 0.182 0.260 0.380 0.540 0.790 1.08 1.55 2.21 3.20 4.60 6.60 9.30 13.2 Allowable DC Current Maximum (Amps) 1.48 1.22 1.00 0.82 0.67 0.57 0.47 0.38 0.31 0.26 0.21 10.0 9.50 9.00 8.00 7.00 6.50 5.40 4.50 3.63 3.00 2.40 2.05 1.70 1.38 1.14 0.94 0.77 0.65 0.53 0.44 0.35 0.29 0.23 0.19 0.16 Measured Frequency (Hz) K: 10% 30 100 MHz N: 30% 40 M: 20% 30 2.52 MHz 20 K: 10% 15 100 KHz 30 environmental applications Performance Characteristics Parameter High Temperature Exposure Maximum L 5% Test Method LPC4045, LPC9040, LPC10065, LPC12065: +85C 2C, 500 hours LPC4235, LPC9040E: +125C 2C, 500 hours Low Temperature Exposure 5% -40C, 500 hours Moisture Exposure 5% +40C, 90 - 95% RH, 500 hours Temperature Cycling 5% -40C (30 minutes)/+85C (30 minutes), 100 cycles Surface Temperature Rise graphs and additional environmental applications can also be found at www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 11/23/08 KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com 229 inductors |
Price & Availability of LPC10065 |